Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004S Datasheet(PDF) 10 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 6Page - STMicroelectronics STE2004S Datasheet HTML 7Page - STMicroelectronics STE2004S Datasheet HTML 8Page - STMicroelectronics STE2004S Datasheet HTML 9Page - STMicroelectronics STE2004S Datasheet HTML 10Page - STMicroelectronics STE2004S Datasheet HTML 11Page - STMicroelectronics STE2004S Datasheet HTML 12Page - STMicroelectronics STE2004S Datasheet HTML 13Page - STMicroelectronics STE2004S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
Circuit description
STE2004S
10/79
the master configuration. The only recognized configuration is Vop=0 that forces the charge
pump to be in off state whatever is the value of Vsense_aux.
To synchronize the master and slave timing circuits, the slave driver FR_IN pad must be
connected to master driver FR_OUT pad, and slave driver OSC_IN pad must be connected
to the master driver OSC_OUT Pad (
Figure 4.). This connection ensures a synchronization
at both frame level (R0 on the master is driven together with the Slave R0 driver) and at
oscillator level (same frame frequency on the master and on the slave). If the
synchronization at frame level is not required, FR_IN pin must be connected toVDD1 or to
VDD1_aux (
Figure 5.).
During the power up procesure, the master device must be forced to exit from power down
before the slave device. To enter into PowerDown mode, the slave device must be forced
into power down state before master device.
Figure 4.
Master slave logic connection with frame synchronization
Figure 5.
Master slave logic connection without frame synchronization
3.5
Bias levels
To properly drive the LCD, six (Including VLCD and VSS) different voltage (Bias) levels are
generated. The ratios among these levels and VLCD, should be selected according to the
MUX ratio (m). They are established according to the following (
Figure 6.)
OSCOUT
LR0219
STE2004S
VDD1AUX
STE2004S
FROUT
OSCIN
FRIN
OSCIN FRIN
OSCOUT
FROUT
OSCOUT
LR0220
STE2004S
VDD1AUX
STE2004S
FROUT
OSCIN FRIN
OSCOUT
FROUT
VDD1AUX
OSCIN
FRIN
V
LCD
n3
+
n4
+
------------- V
LCD
,
n2
+
n4
+
------------- V
LCD
,
2
n4
+
------------- V
LCD
,
1
n4
+
------------- V
LCD
,V
SS
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com