Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004S Datasheet(PDF) 68 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 64Page - STMicroelectronics STE2004S Datasheet HTML 65Page - STMicroelectronics STE2004S Datasheet HTML 66Page - STMicroelectronics STE2004S Datasheet HTML 67Page - STMicroelectronics STE2004S Datasheet HTML 68Page - STMicroelectronics STE2004S Datasheet HTML 69Page - STMicroelectronics STE2004S Datasheet HTML 70Page - STMicroelectronics STE2004S Datasheet HTML 71Page - STMicroelectronics STE2004S Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
Electrical characteristics
STE2004S
68/79
Tr;DA
Rise time of SCLH signal Cb = 100pF(5) (6)
10
ns
Tf;DA
Fall time of SDAH signal
Cb = 100pF(5) (6)
10
80
ns
Tr;DA
Rise time of SDAH signal Cb = 400pF(5) (6)
20
ns
Tf;DA
Fall time of SDAH signal
Cb = 400pF(5) (6)
20
160
ns
TSU;STO
Setup time for STOP
condition
Cb = 100pF(5) (6)
160
ns
Cb
Capacitive load for SDAH
and SCLH
100
400
pF
Cb
Capacitive load for SDAH
+SDA line and SCLH
+SCL line
400
pF
Parallel interface (
Figure 73, Figure 74)
TCYC
System cycle time
VDD1 = 1.7V;
read and write
125
ns
TCLW
Control low pulse width
(WR)
20
ns
TCHW
Control high pulse width
(WR)
75
ns
TCLR
Control low pulse width
(RD)
40
ns
TCHR
Control high pulse width
(RD)
55
ns
TEWHW
Enable high pulse width
(Write)
60
ns
TEWLW
Enable low pulse width
(Write)
60
ns
TEWHR
Enable high pulse width
(Read)
60
ns
TEWLR
Enable low pulse width
(Read)
60
ns
TSU(A)
Address set-up time
10
ns
TH(A)
Address hold time
10
ns
TSU1
Data set-up time
30
ns
TH1
Data hold time
30
ns
TSU2
Read access time
40
ns
TH2
Output disable time
0
30
ns
Table 28. AC operation
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com