Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004S Datasheet(PDF) 12 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 8Page - STMicroelectronics STE2004S Datasheet HTML 9Page - STMicroelectronics STE2004S Datasheet HTML 10Page - STMicroelectronics STE2004S Datasheet HTML 11Page - STMicroelectronics STE2004S Datasheet HTML 12Page - STMicroelectronics STE2004S Datasheet HTML 13Page - STMicroelectronics STE2004S Datasheet HTML 14Page - STMicroelectronics STE2004S Datasheet HTML 15Page - STMicroelectronics STE2004S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
Circuit description
STE2004S
12/79
3.6
LCD voltage generation
The LCD voltage at reference temperature (To = 27°C) can be set using the VOP register content
according to the following formula:
VLCD(T=To) = VLCDo = (Ai+VOP · B)
(i=0,1,2)
with the following values:
Note that the three PRS values produce three adjacent ranges for VLCD. If the VOP register
and PRS bits are set to zero the internal voltage generator is switched off.
The proper value for the VLCD is a function of the liquid crystal threshold voltage (Vth) and
of the multiplexing rate. A general expression for this is:
For MUX Rate m = 65 the ideal VLCD is:
VLCD(to) = 6.85 · Vth
than:
Table 3. Bias level m=65 and m=49
Symbol
m = 65 (1/9)
m = 49 (1/8)
V1
VLCD
VLCD
V2
8/9*VLCD
7/8*VLCD
V3
7/9*VLCD
6/8*VLCD
V4
2/9*V VLCD
2/8*VLCD
V5
1/9 *VLCD
1/8*VLCD
V6
VSS
VSS
Table 4. LCD voltage generation
Symbol
Value
Unit
Note
Ao
2.95
V
PRS = [0;0]
A1
6.83
V
PRS = [0;1]
A2
10.71
V
PRS = [1;0]
B0.0303V
To
27
°C
V
LCD
1m
+
21
1
m
---------
⎝⎠
⎛⎞
---------------------------------------
V
th
=
V
op
6.85
V
th
A
i
()
0.03
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com