Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004S Datasheet(PDF) 66 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 62Page - STMicroelectronics STE2004S Datasheet HTML 63Page - STMicroelectronics STE2004S Datasheet HTML 64Page - STMicroelectronics STE2004S Datasheet HTML 65Page - STMicroelectronics STE2004S Datasheet HTML 66Page - STMicroelectronics STE2004S Datasheet HTML 67Page - STMicroelectronics STE2004S Datasheet HTML 68Page - STMicroelectronics STE2004S Datasheet HTML 69Page - STMicroelectronics STE2004S Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 79 page
background image
Electrical characteristics
STE2004S
66/79
Column and row driver
Rrow
ROW output resistance
3K
5K
kohm
Rcol
Column output
resistance
5K
10K
kohm
Vcol
Column bias voltage
accuracy
No load
-50
+50
mV
Vrow
Row bias voltage
accuracy
-50
+50
mV
LCD supply voltage
VLCD
LCD supply voltage
accuracy; internally
generated
VDD = 2.8V; VLCD = 10V;
fsclk=0;
no display load(5)(3) (6) (8)
VOP=69h, PRS=2Hex(9)
-2
+2
%
TC0
Temperature coefficient
-0.0· 10-3
1/°C
TC1
-0.35 · 10-3
1/°C
TC2
-0.7 · 10-3
1/°C
TC3
-1.05· 10-3
1/°C
TC4
-1.4 · 10-3
1/°C
TC5
-1.75· 10-3
1/°C
TC6
-2.1 · 10-3
1/°C
TC7
-2.3· 10-3
1/°C
1.
VDD1<=VDD2
2.
The maximum possible VLCD voltage that can be generated is dependent on voltage, temperature and (display) load.
3.
When fsclk = 0 there is no interface clock.
4.
If external VLCD, the display load current is not transmitted to IDD
5.
Internal clock
6.
Tolerance depends on the temperature; (typically zero at Tamb = 25°C), maximum tolerance values are measured at the
temperature range limit.
7.
Power-down mode. During power-down all static currents are switched-off.
8.
For TC0 to TC7
9.
Data byte writing mode
Table 27. DC operation (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com