Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004S Datasheet(PDF) 50 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 46Page - STMicroelectronics STE2004S Datasheet HTML 47Page - STMicroelectronics STE2004S Datasheet HTML 48Page - STMicroelectronics STE2004S Datasheet HTML 49Page - STMicroelectronics STE2004S Datasheet HTML 50Page - STMicroelectronics STE2004S Datasheet HTML 51Page - STMicroelectronics STE2004S Datasheet HTML 52Page - STMicroelectronics STE2004S Datasheet HTML 53Page - STMicroelectronics STE2004S Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
Instruction set
STE2004S
50/79
5.1
Reset (RES)
At power-on, all internal registers are configured with the default value. The RAM content is
not defined. A reset pulse on the RES pad (active low) re-initializes the internal registers
content see
Table 10. All on-going communication with the host controller is interrupted if a
reset pulse is applied. After the power-on, the software reset instruction can be used to re-
load the reset configuration into the internal registers.
The default configuration is:
A memory blank instruction can be used to clear the DDRAM content.
Table 21. Partial display configuration
PD2
PD1
PD0
Section 1
Section 2
Reset state
0
0
0
0
8 + Icon row
0
0
1
8
0 + Icon row
0
1
0
8
8 + Icon row
0
1
1
0
16 + Icon row
000
1
0
0
16
0 + Icon row
1
0
1
8
16 + Icon row
1
1
0
16
8 + Icon row
1
1
1
16
16 + Icon row
Table 22. N-Line inversion
NW3
NW2
NW1
NW0
Description
Reset state
0
000
0-Line inversion
(Frame inversion)
0
0
0
1
2-Line inversion
0
0
1
0
3-Line inversion
0
0
1
1
4-Line inversion
0000
:::
:
:
1
1
1
0
15-Line inversion
1
1
1
1
16-Line inversion
– Horizontal addressing (V = 0)
– Multiplexing ratio (M[1:0]=0 - MUX 65)
– Normal instruction set (H[1:0] = 0)
– Frame rate (FR[1:0]=”75Hz”)
– Normal display (MX = MY = 0)
– Power down (PD = 1)
– Display blank (E = D = 0)
– Dual partial display disabled (PE=0)
– Address counter X[6: 0] = 0 and Y[4: 0] = 0
– VOP=0
– Temperature coefficient (TC[1: 0] = 0)
– Y-CARRIAGE=8
– Bias system (BS[2: 0] = 0)
– X-CARRIAGE=101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com