Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 147 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 143Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 144Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 145Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 146Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 147Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 148Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 149Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 150Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 170 page
background image
Analog Input on
Channel Ax
Analog Input on
Channel Bv
ADC Clock
Sample and Hold
SH Pulse
t
SH
t
dschA0_n
t
dschB0_n
t
dschB0_n+1
Sample n
Sample n+1
Sample n+2
t
dschA0_n+1
t
d(SH)
ADC Event Trigger from EV
or Other Sources
SMODE Bit
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.30.7 Simultaneous Sampling Mode (Dual-Channel) (SMODE = 1)
In simultaneous mode, the ADC can continuously convert input signals on any one pair of channels
(A0/B0 to A7/B7). The ADC can start conversions on event triggers from the Event Managers (EVA/EVB),
software trigger, or from an external ADCSOC signal. If the SMODE bit is 1, the ADC will do conversions
on two selected channels on every Sample/Hold pulse. The conversion time and latency of the Result
register update are explained below. The ADC interrupt flags are set a few SYSCLKOUT cycles after the
Result register update. The selected channels will be sampled simultaneously at the falling edge of the
Sample/Hold pulse. The Sample/Hold pulse width can be programmed to be 1 ADC clock wide (minimum)
or 16 ADC clocks wide (maximum).
NOTE
In Simultaneous Mode, the ADCIN channel pair select has to be A0/B0, A1/B1, ..., A7/B7,
and not in other combinations (such as A1/B3, etc.).
Figure 6-42. Simultaneous Sampling Mode Timing
Table 6-49. Simultaneous Sampling Mode Timing
AT 25-MHz
SAMPLE n
SAMPLE n + 1
ADC CLOCK,
REMARKS
tc(ADCCLK) = 40 ns
Delay time from event
td(SH)
2.5tc(ADCCLK)
trigger to sampling
Sample/Hold width/
Acqps value = 0–15
tSH
(1 + Acqps) * tc(ADCCLK)
40 ns with Acqps = 0
Acquisition Width
ADCTRL1[8:11]
Delay time for first
td(schA0_n)
result to appear in
4tc(ADCCLK)
160 ns
Result register
Delay time for first
td(schB0_n)
result to appear in
5tc(ADCCLK)
200 ns
Result register
Delay time for
successive results to
td(schA0_n+1)
(3 + Acqps) * tc(ADCCLK)
120 ns
appear in Result
register
Delay time for
successive results to
td(schB0_n+1)
(3 + Acqps) * tc(ADCCLK)
120 ns
appear in Result
register
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
147
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com