Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 150 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 146Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 147Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 148Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 149Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 150Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 151Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 152Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 153Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
Table 6-51. McBSP Switching Characteristics(1)(2)
NO.
PARAMETER
MIN
MAX
UNIT
M1
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
2P
ns
M2
tw(CKRXH)
Pulse duration, CLKR/X high
CLKR/X int
D – 5(3)
D + 5(3)
ns
M3
tw(CKRXL)
Pulse duration, CLKR/X low
CLKR/X int
C – 5(3)
C + 5(3)
ns
CLKR int
0
4
M4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
ns
CLKR ext
3
27
CLKX int
0
4
M5
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
ns
CLKX ext
3
27
CLKX int
8
Disable time, CLKX high to DX high impedance following last
M6
tdis(CKXH-DXHZ)
ns
data bit
CLKX ext
14
CLKX int
9
Delay time, CLKX high to DX valid.
This applies to all bits except the first bit transmitted.
CLKX ext
28
CLKX int
8
M7
td(CKXH-DXV)
DXENA = 0
ns
Delay time, CLKX high to DX valid.
CLKX ext
14
Only applies to first bit transmitted when in Data
CLKX int
P + 8
Delay 1 or 2 (XDATDLY = 01b or 10b) modes.
DXENA = 1
CLKX ext
P + 14
CLKX int
0
DXENA = 0
Enable time, CLKX high to DX driven.
CLKX ext
6
M8
ten(CKXH-DX)
ns
Only applies to first bit transmitted when in Data
CLKX int
P
Delay 1 or 2 (XDATDLY = 01b or 10b) modes.
DXENA = 1
CLKX ext
P + 6
FSX int
8
DXENA = 0
Delay time, FSX high to DX valid.
FSX ext
14
M9
td(FXH-DXV)
ns
Only applies to first bit transmitted when in Data
FSX int
P + 8
Delay 0 (XDATDLY = 00b) mode.
DXENA = 1
FSX ext
P + 14
FSX int
0
DXENA = 0
Enable time, FSX high to DX driven.
FSX ext
6
M10
ten(FXH-DX)
ns
Only applies to first bit transmitted when in Data
FSX int
P
Delay 0 (XDATDLY = 00b) mode.
DXENA = 1
FSX ext
P + 6
(1)
Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that
signal are also inverted.
(2)
2P = 1/CLKG in ns.
(3)
C = CLKRX low pulse width = P
D = CLKRX high pulse width = P
150
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com