Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 158 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 154Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 155Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 156Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 157Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 158Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 159Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 160Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 161Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 170 page
background image
larger)
is
whichever
0,
or
integer,
highest
next
the
to
up
(round
1
t
t
State
Wait
Page
ROM
c(SCO)
a(rp)
ú
ú
û
ù
ê
ê
ë
é
-
÷
÷
ø
ö
ç
ç
è
æ
=
larger)
is
whichever
1,
or
integer,
highest
next
the
to
up
(round
1
t
t
State
Wait
Random
ROM
c(SCO)
a(rr)
ú
ú
û
ù
ê
ê
ë
é
-
÷
÷
ø
ö
ç
ç
è
æ
=
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
6.33 ROM Timing (C281x only)
Table 6-65. ROM Access Timing
PARAMETER
MIN
MAX
UNIT
ta(rp)
Paged ROM access time
23
ns
ta(rr)
Random ROM access time
23
ns
ta(ROM)
ROM (OTP area) access time(1)
60
ns
(1)
In C281x devices, a 1K × 16 ROM block replaces the OTP block found in Flash devices.
Table 6-66. Minimum Required ROM Wait States at Different Frequencies (C281x devices)
SYSCLKOUT (MHz)
SYSCLKOUT (ns)
PAGE WAIT STATE(1)
RANDOM WAIT STATE(1) (2)
150
6.67
3
3
120
8.33
2
2
100
10
2
2
75
13.33
1
1
50
20
1
1
30
33.33
0
1
25
40
0
1
15
66.67
0
1
4
250
0
1
(1)
Formulas to compute page wait state and random wait state:
(2)
Random wait state must be greater than or equal to 1.
158
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com