Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 159 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 155Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 156Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 157Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 158Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 159Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 160Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 161Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 162Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.34 Migrating From F281x Devices to C281x Devices
The migration issues to be considered while migrating from the F281x devices to C281x devices are as
follows:
•
The 1K OTP memory available in F281x devices has been replaced by 1K ROM in C281x devices.
•
Power sequencing is not needed for C281x devices. In other words, 3.3-V and 1.8-V (or 1.9-V) can
ramp together. C281x can also be used on boards that have F281x power sequencing implemented;
however, if the 1.8-V (or 1.9-V) rail lags the 3.3-V rail, the GPIO pins are undefined until the 1.8-V rail
reaches at least 1 V.
•
Current consumption differs for F281x and C281x devices for all four possible modes. See the
appropriate electrical section for exact numbers.
•
The VDD3VFL pin is the 3.3-V flash core power pin in F281x devices but is a VDDIO pin in C281x devices.
•
F281x and C281x devices are pin-compatible and code-compatible; however, they are electrically
different with different EMI/ESD profiles. Before ramping production with C281x devices, evaluate
performance of the hardware design with both devices.
•
Addresses 0x3D 7BFC through 0x3D 7BFF in the OTP and addresses 0x3F 7FF2 through 0x3F 7FF5
in the main ROM array are reserved for ROM part-specific information and are not available for user
applications.
•
The ADC module in C281x devices can operate at 24.9k bias on ADCRESEXT pin for the full range
1–25 MHz. While migrating the F281x designs to C281x, use a 24.9k resistor for biasing the ADC.
•
The paged and random wait-state specifications for the flash and ROM parts are different. While
migrating from flash to ROM parts, the same wait-state values must be used for best performance
compatibility (for example, in applications that use software delay loops or where precise interrupt
latencies are critical).
•
The PART-ID register value is different for Flash and ROM parts.
For errata applicable to 281x devices, see the TMS320F2810, TMS320F2811, TMS320F2812,
TMS320C2810, TMS320C2811, TMS320C2812 DSP Silicon Errata (literature number SPRZ193).
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
159
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com