| Electronic Components Datasheet Search |
|
PM0214 Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 245 page ![]() The STM32 Cortex-M4 instruction set PM0214 64/245 DocID022708 Rev 4 3.3.5 Address alignment An aligned access is an operation where a word-aligned address is used for a word, dual word, or multiple word access, or where a halfword-aligned address is used for a halfword access. Byte accesses are always aligned. The Cortex-M4 processor supports unaligned access only for the following instructions: • LDR, LDRT • LDRH, LDRHT • LDRSH, LDRSHT • STR, STRT • STRH, STRHT All other load and store instructions generate a usage fault exception if they perform an unaligned access, and therefore their accesses must be address aligned. For more information about usage faults see Fault handling on page 43. Unaligned accesses are usually slower than aligned accesses. In addition, some memory regions might not support unaligned accesses. Therefore, ARM recommends that programmers ensure that accesses are aligned. To avoid accidental generation of unaligned accesses, use the UNALIGN_TRP bit in the configuration and control register to trap all unaligned accesses, see Configuration and control register (CCR) on page 215. 3.3.6 PC-relative expressions A PC-relative expression or label is a symbol that represents the address of an instruction or literal data. It is represented in the instruction as the PC value plus or minus a numeric offset. The assembler calculates the required offset from the label and the address of the current instruction. If the offset is too big, the assembler produces an error. • For the B, BL, CBNZ, and CBZ instructions, the value of the PC is the address of the current instruction plus four bytes. • For all other instructions that use labels, the value of the PC is the address of the current instruction plus four bytes, with bit[1] of the result cleared to 0 to make it word- aligned. • Your assembler might permit other syntaxes for PC-relative expressions, such as a label plus or minus a number, or an expression of the form [PC, #number]. 3.3.7 Conditional execution Most data processing instructions can optionally update the condition flags in the application program status register (APSR) according to the result of the operation (see Application program status register on page 20). Some instructions update all flags, and some only update a subset. If a flag is not updated, the original value is preserved. See the instruction descriptions for the flags they affect. You can execute an instruction conditionally, based on the condition flags set in another instruction: • Immediately after the instruction that updated the flags • After any number of intervening instructions that have not updated the flags |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |