| Electronic Components Datasheet Search |
|
PM0214 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 245 page ![]() DocID022708 Rev 4 25/245 PM0214 The Cortex-M4 processor 244 Handler mode always uses the MSP, so the processor ignores explicit writes to the active stack pointer bit of the CONTROL register when in Handler mode. The exception entry and return mechanisms update the CONTROL register. In an OS environment, it is recommended that threads running in Thread mode use the process stack and the kernel and exception handlers use the main stack. By default, Thread mode uses the MSP. To switch the stack pointer used in Thread mode to the PSP, either: • use the MSR instruction to set the Active stack pointer bit to 1, see MSR on page 174. • perform an exception return to Thread mode with the appropriate EXC_RETURN value, see Exception return behavior on page 43. When changing the stack pointer, software must use an ISB instruction immediately after the MSR instruction. This ensures that instructions after the ISB execute using the new stack pointer. See ISB on page 173 2.1.4 Exceptions and interrupts The Cortex-M4 processor supports interrupts and system exceptions. The processor and the Nested Vectored Interrupt Controller (NVIC) prioritize and handle all exceptions. An exception changes the normal flow of software control. The processor uses handler mode to handle all exceptions except for reset. See Exception entry on page 41 and Exception return on page 43 for more information. The NVIC registers control interrupt handling. See Nested vectored interrupt controller (NVIC) on page 193 for more information. 2.1.5 Data types The processor: • Supports the following data types: – 32-bit words – 16-bit halfwords –8-bit bytes • manages all memory accesses as little-endian. See Memory regions, types and attributes on page 28 for more information. 2.1.6 The Cortex microcontroller software interface standard (CMSIS) For a Cortex-M4 microcontroller system, the Cortex Microcontroller Software Interface Standard (CMSIS) defines: • A common way to: – Access peripheral registers – Define exception vectors • The names of: – The registers of the core peripherals – The core exception vectors • A device-independent interface for RTOS kernels, including a debug channel |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |