Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0214 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 23Page - STMicroelectronics PM0214 Datasheet HTML 24Page - STMicroelectronics PM0214 Datasheet HTML 25Page - STMicroelectronics PM0214 Datasheet HTML 26Page - STMicroelectronics PM0214 Datasheet HTML 27Page - STMicroelectronics PM0214 Datasheet HTML 28Page - STMicroelectronics PM0214 Datasheet HTML 29Page - STMicroelectronics PM0214 Datasheet HTML 30Page - STMicroelectronics PM0214 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 245 page
background image
DocID022708 Rev 4
27/245
PM0214
The Cortex-M4 processor
244
2.2
Memory model
This section describes the processor memory map, the behavior of memory accesses, and
the bit-banding features. The processor has a fixed memory map that provides up to 4 GB of
addressable memory.
Figure 8. Memory map
The regions for SRAM and peripherals include bit-band regions. Bit-banding provides
atomic operations to bit data, see Section 2.2.5: Bit-banding on page 31.
The processor reserves regions of the Private peripheral bus (PPB) address range for core
peripheral registers, see Section 4.1: About the STM32 Cortex-M4 core peripherals on
page 178.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com