Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0214 Datasheet(PDF) 34 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 30Page - STMicroelectronics PM0214 Datasheet HTML 31Page - STMicroelectronics PM0214 Datasheet HTML 32Page - STMicroelectronics PM0214 Datasheet HTML 33Page - STMicroelectronics PM0214 Datasheet HTML 34Page - STMicroelectronics PM0214 Datasheet HTML 35Page - STMicroelectronics PM0214 Datasheet HTML 36Page - STMicroelectronics PM0214 Datasheet HTML 37Page - STMicroelectronics PM0214 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 245 page
background image
The Cortex-M4 processor
PM0214
34/245
DocID022708 Rev 4
The pairs of Load-Exclusive and Store-Exclusive instructions are:
The word instructions LDREX and STREX
The halfword instructions LDREXH and STREXH
The byte instructions LDREXB and STREXB.
Software must use a Load-Exclusive instruction with the corresponding Store-Exclusive
instruction.
To perform a guaranteed read-modify-write of a memory location, software must:
1.
Use a Load-Exclusive instruction to read the value of the location.
2.
Update the value, as required.
3.
Use a Store-Exclusive instruction to attempt to write the new value back to the memory
location.
4.
Test the returned status bit. If this bit is:
0: The read-modify-write completed successfully,
1: No write was performed. This indicates that the value returned at step 1 might be out
of date. The software must retry the read-modify-write sequence,
Software can use the synchronization primitives to implement a semaphores as follows:
1.
Use a Load-Exclusive instruction to read from the semaphore address to check
whether the semaphore is free.
2.
If the semaphore is free, use a Store-Exclusive to write the claim value to the
semaphore address.
3.
If the returned status bit from step 2 indicates that the Store-Exclusive succeeded then
the software has claimed the semaphore. However, if the Store-Exclusive failed,
another process might have claimed the semaphore after software performed step 1.
The Cortex-M4 includes an exclusive access monitor, that tags the fact that the processor
has executed a Load-Exclusive instruction. If the processor is part of a multiprocessor
system, the system also globally tags the memory locations addressed by exclusive
accesses by each processor.
The processor removes its exclusive access tag if:
It executes a CLREX instruction
It executes a Store-Exclusive instruction, regardless of whether the write succeeds.
An exception occurs. This means the processor can resolve semaphore conflicts
between different threads.
In a multiprocessor implementation, executing a:
CLREX instruction removes only the local exclusive access tag for the processor
Store-Exclusive instruction, or an exception. removes the local exclusive access tags,
and global exclusive access tags for the processor.
For more information about the synchronization primitive instructions, see LDREX and
STREX on page 78 and CLREX on page 79.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com