Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0214 Datasheet(PDF) 77 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 73Page - STMicroelectronics PM0214 Datasheet HTML 74Page - STMicroelectronics PM0214 Datasheet HTML 75Page - STMicroelectronics PM0214 Datasheet HTML 76Page - STMicroelectronics PM0214 Datasheet HTML 77Page - STMicroelectronics PM0214 Datasheet HTML 78Page - STMicroelectronics PM0214 Datasheet HTML 79Page - STMicroelectronics PM0214 Datasheet HTML 80Page - STMicroelectronics PM0214 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 245 page
background image
DocID022708 Rev 4
77/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.4.7
PUSH and POP
Push registers onto, and pop registers off a full-descending stack. PUSH and POP are
synonyms for STMDB and LDM (or LDMIA) with the memory addresses for the access
based on SP, and with the final address for the access written back to the SP. PUSH and
POP are the preferred mnemonics in these cases.
Syntax
PUSH{cond} reglist
POP{cond} reglist
where:
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘reglist’ is a non-empty list of registers (or register ranges), enclosed in braces.
Commas must separate register lists or ranges (see Examples on page 76).
Operation
PUSH stores registers on the stack in order of decreasing register numbers, with the
highest numbered register using the highest memory address and the lowest
numbered register using the lowest memory address.
POP loads registers from the stack in order of increasing register numbers, with the
lowest numbered register using the lowest memory address and the highest numbered
register using the highest memory address.
PUSH uses the value in the SP register minus four as the highest memory address,
POP uses the SP register value as the lowest memory address, implementing a full-
descending stack. On completion, PUSH updates the SP register to point to the
location of the lowest store value, POP updates the SP register to point to the location
above the highest location loaded.
If a POP instruction includes PC in its reglist, a branch to this location is performed
when the POP instruction has completed. Bit[0] of the value read for the PC is used to
update the APSR T-bit. This bit must be 1 to ensure correct operation. See LDM and
STM on page 75 for more information.
Restrictions
In these instructions:
‘reglist’ must not contain SP
For the PUSH instruction, reglist must not contain PC
For the POP instruction, reglist must not contain PC if it contains LR.
When PC is in reglist in a POP instruction: bit[0] of the value loaded to the PC must be 1
for correct execution, and a branch occurs to this halfword-aligned address. If the
instruction is conditional, it must be the last instruction in the IT block.
Condition flags
These instructions do not change the flags.
Examples
PUSH {R0,R4-R7} ; Push R0,R4,R5,R6,R7 onto the stack
PUSH {R2,LR}
; Push R2 and the link-register onto the stack
POP
{R0,R6,PC} ; Pop r0,r6 and PC from the stack, then branch to new PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com