Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0214 Datasheet(PDF) 73 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 69Page - STMicroelectronics PM0214 Datasheet HTML 70Page - STMicroelectronics PM0214 Datasheet HTML 71Page - STMicroelectronics PM0214 Datasheet HTML 72Page - STMicroelectronics PM0214 Datasheet HTML 73Page - STMicroelectronics PM0214 Datasheet HTML 74Page - STMicroelectronics PM0214 Datasheet HTML 75Page - STMicroelectronics PM0214 Datasheet HTML 76Page - STMicroelectronics PM0214 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 245 page
background image
DocID022708 Rev 4
73/245
PM0214
The STM32 Cortex-M4 instruction set
244
; sum of R5 and two times R1, sign extended it
; to a word value and put it in R0
STR R0, [R1, R2, LSL #2]; stores R0 to an address equal to sum of R1
; and four times R2
3.4.4
LDR and STR, unprivileged
Load and store with unprivileged access.
Syntax
op{type}T{cond} Rt, [Rn {, #offset}]; immediate offset
where:
‘op’ is either LDR (load register) or STR (store register)
‘type’ is one of the following:
B: Unsigned byte, zero extends to 32 bits on loads
SB: Signed byte, sign extends to 32 bits (LDR only)
H: Unsigned halfword, zero extends to 32 bits on loads
SH: Signed halfword, sign extends to 32 bits (LDR only)
—: Omit, for word
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rt’ is the register to load or store
‘Rn’ is the register on which the memory address is based
‘offset’ is an offset from Rn and can be 0 to 255. If offset is omitted, the address is the
value in Rn.
Operation
These load and store instructions perform the same function as the memory access
instructions with immediate offset (see LDR and STR, immediate offset on page 70). The
difference is that these instructions have only unprivileged access even when used in
privileged software.
When used in unprivileged software, these instructions behave in exactly the same way as
normal memory access instructions with immediate offset.
Restrictions
In these instructions:
Rn must not be PC
Rt must be neither SP nor PC.
Condition flags
These instructions do not change the flags.
Examples
STRBTEQ R4, [R7]
; conditionally store least significant byte in
; R4 to an address in R7, with unprivileged access
LDRHT R2, [R2, #8]; load halfword value from an address equal to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com