Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0214 Datasheet(PDF) 69 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 65Page - STMicroelectronics PM0214 Datasheet HTML 66Page - STMicroelectronics PM0214 Datasheet HTML 67Page - STMicroelectronics PM0214 Datasheet HTML 68Page - STMicroelectronics PM0214 Datasheet HTML 69Page - STMicroelectronics PM0214 Datasheet HTML 70Page - STMicroelectronics PM0214 Datasheet HTML 71Page - STMicroelectronics PM0214 Datasheet HTML 72Page - STMicroelectronics PM0214 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 245 page
background image
DocID022708 Rev 4
69/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.4.1
ADR
Load PC-relative address.
Syntax
ADR{cond} Rd, label
where:
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rd’ is the destination register
‘label’ is a PC-relative expression (see PC-relative expressions on page 64)
Operation
ADR determines the address by adding an immediate value to the PC. It writes the result to
the destination register.
ADR produces position-independent code, because the address is PC-relative.
If you use ADR to generate a target address for a BX or BLX instruction, you must ensure
that bit[0] of the address you generate is set to1 for correct execution.
Values of label must be within the range -4095 to 4095 from the address in the PC.
Note:
You might have to use the .W suffix to get the maximum offset range or to generate
addresses that are not word-aligned (see Instruction width selection on page 67).
Restrictions
Rd must be neither SP nor PC.
Condition flags
This instruction does not change the flags.
Examples
ADR R1, TextMessage; write address value of a location labelled as
; TextMessage to R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com