Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0214 Datasheet(PDF) 72 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 68Page - STMicroelectronics PM0214 Datasheet HTML 69Page - STMicroelectronics PM0214 Datasheet HTML 70Page - STMicroelectronics PM0214 Datasheet HTML 71Page - STMicroelectronics PM0214 Datasheet HTML 72Page - STMicroelectronics PM0214 Datasheet HTML 73Page - STMicroelectronics PM0214 Datasheet HTML 74Page - STMicroelectronics PM0214 Datasheet HTML 75Page - STMicroelectronics PM0214 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
72/245
DocID022708 Rev 4
3.4.3
LDR and STR, register offset
Load and store with register offset.
Syntax
op{type}{cond} Rt, [Rn, Rm {, LSL #n}]
where:
‘op’ is either LDR (load register) or STR (store register)
‘type’ is one of the following:
B: Unsigned byte, zero extends to 32 bits on loads
SB: Signed byte, sign extends to 32 bits (LDR only)
H: Unsigned halfword, zero extends to 32 bits on loads
SH: Signed halfword, sign extends to 32 bits (LDR only)
—: Omit, for word
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rt’ is the register to load or store
‘Rn’ is the register on which the memory address is based
‘Rm’ is a register containing a value to be used as the offset
‘LSL #n’ is an optional shift, with n in the range 0 to 3
Operation
LDR instructions load a register with a value from memory. STR instructions store a register
value into memory. The memory address to load from or store to is at an offset from the
register Rn. The offset is specified by the register Rm and can be shifted left by up to 3 bits
using LSL. The value to load or store can be a byte, halfword, or word. For load instructions,
bytes and halfwords can either be signed or unsigned (see Address alignment on page 64).
Restrictions
In these instructions:
Rn must not be PC
Rm must be neither SP nor PC
Rt can be SP only for word loads and word stores
Rt can be PC only for word loads
When Rt is PC in a word load instruction:
bit[0] of the loaded value must be 1 for correct execution, and a branch occurs to this
halfword-aligned address
If the instruction is conditional, it must be the last instruction in the IT block.
Condition flags
These instructions do not change the flags.
Examples
STR R0, [R5, R1]; store value of R0 into an address equal to
; sum of R5 and R1
LDRSB R0, [R5, R1, LSL #1]; read byte value from an address equal to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com