Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0214 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 14Page - STMicroelectronics PM0214 Datasheet HTML 15Page - STMicroelectronics PM0214 Datasheet HTML 16Page - STMicroelectronics PM0214 Datasheet HTML 17Page - STMicroelectronics PM0214 Datasheet HTML 18Page - STMicroelectronics PM0214 Datasheet HTML 19Page - STMicroelectronics PM0214 Datasheet HTML 20Page - STMicroelectronics PM0214 Datasheet HTML 21Page - STMicroelectronics PM0214 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 245 page
background image
The Cortex-M4 processor
PM0214
18/245
DocID022708 Rev 4
General-purpose registers
R0-R12 are 32-bit general-purpose registers for data operations.
Stack pointer
The Stack Pointer (SP) is register R13. In Thread mode, bit[1] of the CONTROL register
indicates the stack pointer to use:
0: Main Stack Pointer (MSP). This is the reset value.
1: Process Stack Pointer (PSP).
On reset, the processor loads the MSP with the value from address 0x00000000.
Link register
The Link Register (LR) is register R14. It stores the return information for subroutines,
function calls, and exceptions. On reset, the processor loads the LR value 0xFFFFFFFF.
Program counter
The Program Counter (PC) is register R15. It contains the current program address. On
reset, the processor loads the PC with the value of the reset vector, which is at address
0x00000004. Bit[0] of the value is loaded into the EPSR T-bit at reset and must be 1.
Program status register
The Program Status Register (PSR) combines:
Application Program Status Register (APSR)
Interrupt Program Status Register (IPSR)
Execution Program Status Register (EPSR)
PSR
read-write Privileged
0x01000000
Program status register on page 18
ASPR
read-write Either
Unknown
Application program status register on
page 20
IPSR
read-only
Privileged
0x00000000
Interrupt program status register on
page 21
EPSR
read-only
Privileged
0x01000000
Execution program status register on
page 21
PRIMASK
read-write Privileged
0x00000000
Priority mask register on page 23
FAULTMASK
read-write Privileged
0x00000000
Fault mask register on page 23
BASEPRI
read-write Privileged
0x00000000
Base priority mask register on page 24
CONTROL
read-write Privileged
0x00000000
CONTROL register on page 24
1. Describes access type during program execution in thread mode and Handler mode. Debug access can
differ.
2. An entry of Either means privileged and unprivileged software can access the register.
Table 3. Core register set summary (continued)
Name
Type(1)
Required
privilege(2)
Reset
value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com