Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0214 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 10Page - STMicroelectronics PM0214 Datasheet HTML 11Page - STMicroelectronics PM0214 Datasheet HTML 12Page - STMicroelectronics PM0214 Datasheet HTML 13Page - STMicroelectronics PM0214 Datasheet HTML 14Page - STMicroelectronics PM0214 Datasheet HTML 15Page - STMicroelectronics PM0214 Datasheet HTML 16Page - STMicroelectronics PM0214 Datasheet HTML 17Page - STMicroelectronics PM0214 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 245 page
background image
About this document
PM0214
14/245
DocID022708 Rev 4
integration of the processor core and NVIC provides fast execution of interrupt service
routines (ISRs), dramatically reducing the interrupt latency. This is achieved through the
hardware stacking of registers, and the ability to suspend load-multiple and store-multiple
operations. Interrupt handlers do not require any assembler stubs, removing any code
overhead from the ISRs. Tail-chaining optimization also significantly reduces the overhead
when switching from one ISR to another.
To optimize low-power designs, the NVIC integrates with the sleep modes, that include a
deep sleep function that enables the STM32 to enter STOP or STDBY mode.
1.3.1
System level interface
The Cortex-M4 processor provides multiple interfaces using AMBA® technology to provide
high speed, low latency memory accesses. It supports unaligned data accesses and
implements atomic bit manipulation that enables faster peripheral controls, system
spinlocks and thread-safe Boolean data handling.
The Cortex-M4 processor has a memory protection unit (MPU) that provides fine grain
memory control, enabling applications to utilize multiple privilege levels, separating and
protecting code, data and stack on a task-by-task basis. Such requirements are critical in
many embedded applications such as automotive.
1.3.2
Integrated configurable debug
The Cortex-M4 processor implements a complete hardware debug solution. This provides
high system visibility of the processor and memory through either a traditional JTAG port or
a 2-pin Serial Wire Debug (SWD) port that is ideal for small package devices.
For system trace the processor integrates an Instrumentation Trace Macrocell (ITM)
alongside data watchpoints and a profiling unit. To enable simple and cost-effective profiling
of the system events these generate, a Serial Wire Viewer (SWV) can export a stream of
software-generated messages, data trace, and profiling information through a single pin.
The optional Embedded Trace Macrocell(ETM) delivers unrivalled instruction trace
capture in an area far smaller than traditional trace units.
1.3.3
Cortex-M4 processor features and benefits summary
Tight integration of system peripherals reduces area and development costs
Thumb instruction set combines high code density with 32-bit performance
IEEE754-compliant single-precision FPU implemented in all STM32F4xxx and
STM32F3xxx Cortex-M4 microcontrollers
Power control optimization of system components
Integrated sleep modes for low power consumption
Fast code execution permits slower processor clock or increases sleep mode time
Hardware division and fast multiplier
Deterministic, high-performance interrupt handling for time-critical applications
Memory protection unit (MPU) for safety-critical applications
Extensive debug and trace capabilities: Serial Wire Debug and Serial Wire Trace
reduce the number of pins required for debugging and tracing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com