Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0214 Datasheet(PDF) 44 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 40Page - STMicroelectronics PM0214 Datasheet HTML 41Page - STMicroelectronics PM0214 Datasheet HTML 42Page - STMicroelectronics PM0214 Datasheet HTML 43Page - STMicroelectronics PM0214 Datasheet HTML 44Page - STMicroelectronics PM0214 Datasheet HTML 45Page - STMicroelectronics PM0214 Datasheet HTML 46Page - STMicroelectronics PM0214 Datasheet HTML 47Page - STMicroelectronics PM0214 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 245 page
background image
The Cortex-M4 processor
PM0214
44/245
DocID022708 Rev 4
2.4.1
Fault types
Table 19 shows the types of fault, the handler used for the fault, the corresponding fault
status register, and the register bit that indicates that the fault has occurred. See
Configurable fault status register (CFSR; UFSR+BFSR+MMFSR) on page 221 for more
information about the fault status registers.
Table 19. Faults
Fault
Handler
Bit name
Fault status register
Bus error on a vector read
Hard fault
VECTTBL
Hard fault status register
(HFSR) on page 225
Fault escalated to a hard fault
FORCED
MPU or default memory map
mismatch:
MemManage
-
Memory management fault
address register (MMFAR)
on page 226
– on instruction access
IACCVIOL(1)
1. Occurs on an access to an XN region even if the MPU is disabled.
– on data access
DACCVIOL
– during exception stacking
MSTKERR
– during exception unstacking
MUNSKERR
– during lazy floating-point state
preservation
MLSPERR
Bus error:
Bus fault
--
– During exception stacking
STKERR
Bus fault address register
(BFAR) on page 226
– During exception unstacking
UNSTKERR
– During instruction prefetch
IBUSERR
– During lazy floating-point state
preservation
LSPERR
Precise data bus error
PRECISERR
Imprecise data bus error
IMPRECISERR
Attempt to access a coprocessor
Usage fault
NOCP
Configurable fault status
register (CFSR;
UFSR+BFSR+MMFSR) on
page 221
Undefined instruction
UNDEFINSTR
Attempt to enter an invalid instruction
set state(2)
2. Attempting to use an instruction set other than the Thumb instruction set, or returns to a non load/store-
multiple instruction with ICI continuation.
INVSTATE
Invalid EXC_RETURN value
INVPC
Illegal unaligned load or store
UNALIGNED
Divide By 0
DIVBYZERO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com