Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 67 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 67 Page - ams AG

Back Button AS3955 Datasheet HTML 63Page - ams AG AS3955 Datasheet HTML 64Page - ams AG AS3955 Datasheet HTML 65Page - ams AG AS3955 Datasheet HTML 66Page - ams AG AS3955 Datasheet HTML 67Page - ams AG AS3955 Datasheet HTML 68Page - ams AG AS3955 Datasheet HTML 69Page - ams AG AS3955 Datasheet HTML 70Page - ams AG AS3955 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
ams Datasheet
Page 67
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Reading Data from Addressable Registers (Register Read
Mode)
After the I²C slave address, the address of register to be read
shall be provided, MSB first. Then one or more data bytes are
transferred to SDA output, also MSB first. As in case of the write
mode, also read mode supports auto-incrementing address. In
case the register at the defined address does not exist, all 0 data
is sent to SDA. In the following figure, an example for reading
of single byte is given.
Figure 73:
Reading a Single Register over I²C
Writing and Reading EEPROM through I²C
EEPROM data can be read and written through I²C interface. Due
to possible conflict with RFID interface, additional arbitration
bit can be set (IC_CFG0) in order to set the priority access to the
EEPROM access. If EEPROM write operation is terminated due
to higher priority of the RF an I_spi (Interrupt Register 1), an IRQ
is sent.
Block Address Byte
Both EEPROM Read and Write use Block Address byte to define
the EEPROM block address to be accessed. Seven MSB bits of
the Address Byte are used to define the address; while the last
bit is don’t-care (it is used to synchronize EEPROM access).
Figure 74:
EEPROM Block Address Byte over I²C
B7
B6
B5
B4
B3
B2
B1
B0
EEPROM Block Address
WA6
WA5
WA4
WA3
WA2
WA1
WA0
x
A
6
A
5
A
4
A
3
A
2
A
1
A
0
01
R
4
R
3
R
2
R
1
A
C
K
P
S
Slave address
A
6
A
5
A
4
A
3
A
2
A
1
R
0
A
C
K
A
1
1
Mode Byte
SCL
SDA
A
C
K
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Data
N
A
K
S
Slave address
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com