Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 80 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 80 Page - ams AG

Back Button AS3955 Datasheet HTML 76Page - ams AG AS3955 Datasheet HTML 77Page - ams AG AS3955 Datasheet HTML 78Page - ams AG AS3955 Datasheet HTML 79Page - ams AG AS3955 Datasheet HTML 80Page - ams AG AS3955 Datasheet HTML 81Page - ams AG AS3955 Datasheet HTML 82Page - ams AG AS3955 Datasheet HTML 83Page - ams AG AS3955 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 111 page
background image
Page 80
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Register Description
Figure 91:
Interrupt Register 0
Note(s) and/or Footnote(s):
1. Power-up and Set Default command set the content of this register to 0. After Interrupt Register has been read, its content is set
again to 0.
Figure 92:
Interrupt Register 1
Address 0Ah:
Interrupt Register 0
Bit
Name
Function
Type
7I_pu
Power-up IRQ. Interrupt is triggered at each power up (RF or battery),
when chip is already powered and RF field appears and after Go To
Sleep, Go To Sense, Go To Sense / Sleep and Set Defaultcommand
RO
6
I_wu_a
Wake-up IRQ at entry in SELECTED state
RO
5
I_slp
IRQ due to reception of SLP_REQ command
RO
4
I_eew_rf
PCD has updated the content of the data area
RO
3
I_eer_rf
PCD has read the content of the data area
RO
2I_rxe
IRQ due to End of Receive. Applicable when receive frame is put in
buffer
RO
1I_txe
IRQ due to End of Transmission. Applicable when data from buffer is
sent
RO
0
I_xrf
Exit RF field IRQ
RO
Address 0Bh:
Interrupt Register 1
Bit
Name
Function
Type
7I_rxs
IRQ due to Start of Receive. Applicable when receive frame is
put in buffer
RO
6
I_frm_err
Lower layer error (broken byte, wrong bit coding sequence) / In
case of error the receive data is still put in buffer, error IRQ is
additionally sent
RO
5I_par_err
Parity error / In case of error the receive data is still put in buffer,
error IRQ is additionally sent
RO
4I_crc_err
CRC error / In case of CRC error the receive data is still put in
buffer, error IRQ is additionally sent
RO
3
I_bf_err
Buffer error (overflow/underflow). See Buffer Status Register 2
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com