Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 56 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 56 Page - ams AG

Back Button AS3955 Datasheet HTML 52Page - ams AG AS3955 Datasheet HTML 53Page - ams AG AS3955 Datasheet HTML 54Page - ams AG AS3955 Datasheet HTML 55Page - ams AG AS3955 Datasheet HTML 56Page - ams AG AS3955 Datasheet HTML 57Page - ams AG AS3955 Datasheet HTML 58Page - ams AG AS3955 Datasheet HTML 59Page - ams AG AS3955 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 111 page
background image
Page 56
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
SPI Interface
Communication between AS3955 and microcontroller can be
done via a four-wire Serial Peripheral Interface (SPI) and an
additional interrupt signal. AS3955 acts an SPI slave device, and
it can request MCU attention by sending an interrupt (pin IRQ).
The SCLK frequency can be between 100 kHz and 5 MHz.
Figure 57:
SPI and Interrupt Signals
SPI interface is in reset mode when signal /SS is high, and it is
enabled when /SS is low. It is recommended to keep signal /SS
high whenever the SPI interface is not used. MOSI is sampled
at the falling edge of SCLK. All communication is done in 8-bit
blocks (bytes). First three bits of first byte transmitted after /SS
high to low transition define SPI operation mode. MSB bit is
always transmitted first (valid for address and data). Read and
Write modes support address auto incrementing, which means
that in case some additional data bytes may be sent (read), they
are written to (read from) addresses incremented by 1 after the
address and first data byte.
SPI interface supports the following modes:
• internal registers read and write
• EEPROM read and write
• buffer read and write
• direct commands
Note that in case when logic and EEPROM are supplied from the
VP_IO, the only SPI operations permitted are reading and
writing of EEPROM and registers (see also Power Management).
MISO output is usually in tristate and it is only driven when
output data is available. MOSI and MISO can then be externally
shorted to create a bidirectional signal. When MISO output is
in tristate, it is possible to switch on a 10 kΩ pull down by
activating option bits miso_pd1 and miso_pd2 in IO
Configuration Register.
Name
Signal
Signal Level
Description
/SS
Digital Input with pull up
CMOS
SPI Enable (active low)
MOSI
Digital Input
CMOS
Serial Data input
MISO
Digital Output with tristate
CMOS
Serial Data output
SCLK
Digital Input
CMOS
Clock for serial communication
IRQ
Digital Output
CMOS
Interrupt Output pin (active high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com