Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 40 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 40 Page - ams AG

Back Button AS3955 Datasheet HTML 36Page - ams AG AS3955 Datasheet HTML 37Page - ams AG AS3955 Datasheet HTML 38Page - ams AG AS3955 Datasheet HTML 39Page - ams AG AS3955 Datasheet HTML 40Page - ams AG AS3955 Datasheet HTML 41Page - ams AG AS3955 Datasheet HTML 42Page - ams AG AS3955 Datasheet HTML 43Page - ams AG AS3955 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 111 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
The voltage level of the supply on VP_IO is measured when tag
enters RF field. The selected voltage level threshold can be
properly measured only if the RF field is strong enough to
provide sufficient supply voltage level. When small antennas
are used, it is advisable to set lower threshold.
Bit arbit_mod defines arbitration mode during mutual EEPROM
access via SPI / I²C and RF side. If arbit_mod is set to 0, then the
EEPROM access follows the first-come-first-serve principle. If
arbit_mod is set to 1, then the RF part will always have higher
priority over SPI / I²C. For further details, please refer to section
Interface Arbitration.
The i2c_addr bits represent lower three bits of the I²C address.
The upper four bits of the I²C address that represent a group
shall be set to 1010b.
Configuration Byte IC_CFG1
Figure 45:
Configuration Byte IC_CFG1
Note(s) and/or Footnote(s):
1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if rfcfg_en
is set to 1.
If bit en_rx_crc is set to 1 then the CRC shall be part of the
message in the buffer. This implies that maximum message
effective length is reduced to 30 bytes. CRC check is performed
regardless of the value of the en_rx_crc bit.
Conf. Bit
Name
Default
Function
Note
b7
en_rx_crc
0
1: CRC stored in the buffer in the tunneling mode
b6
vreg<4>
0
Voltage level for voltage regulator VP_REG
(see Figure 16)
b5
vreg<3>
0
b4
vreg<2>
0
b3
vreg<1>
0
b2
vreg<0>
0
b1
rreg<1>
0
Output resistance value for voltage regulator VP_REG
(see Figure 15)
b0
rreg<0>
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com