Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 70 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 70 Page - ams AG

Back Button AS3955 Datasheet HTML 66Page - ams AG AS3955 Datasheet HTML 67Page - ams AG AS3955 Datasheet HTML 68Page - ams AG AS3955 Datasheet HTML 69Page - ams AG AS3955 Datasheet HTML 70Page - ams AG AS3955 Datasheet HTML 71Page - ams AG AS3955 Datasheet HTML 72Page - ams AG AS3955 Datasheet HTML 73Page - ams AG AS3955 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
Page 70
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Direct Command Mode
Direct Command Mode is comprised of one command byte and
argument byte. The two msb’s of command code 11b indicate
Direct Command Mode. The following six bits define command
code, sent MSB first. Last two bits in argument byte indicate
success of the direct command. Value 01h of the argument byte
indicates that command was accepted, while 02h indicates it
was rejected due to internal access priorities. The argument
byte does not provide information on timing of the command
execution.
Figure 79:
Sending a Direct Command over I²C
I²C Electrical Connection
The AS3955 has two built-in 3kΩ pull-up resistors on SDA and
SCL lines as shown on Figure 80 and used only in I²C mode. The
SPI pull-down bits in IO Configuration Register must be set 00h.
Figure 80:
I²C Interface with Built-In Pull-Up Resistors
A
6
A
5
A
4
A
3
A
2
A
1
A
0
C
5
C
4
C
3
C
2
C
1
A
C
K
P
S
Slave address
A
6
A
5
A
4
A
3
A
2
A
1
C
0
A
C
K
A
1
1
Mode Byte
SCL
SDA
A
C
K
00 0 0 0 0 xx
Argument byte
N
A
K
S
Slave address
C
7
C
6
RP=3kΩ
RP=3kΩ
VP_IO
VSS
SDA
SCL
AS3955



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com