Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 14 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 14 Page - ams AG

Back Button AS3955 Datasheet HTML 10Page - ams AG AS3955 Datasheet HTML 11Page - ams AG AS3955 Datasheet HTML 12Page - ams AG AS3955 Datasheet HTML 13Page - ams AG AS3955 Datasheet HTML 14Page - ams AG AS3955 Datasheet HTML 15Page - ams AG AS3955 Datasheet HTML 16Page - ams AG AS3955 Datasheet HTML 17Page - ams AG AS3955 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
VP_IO is connected to VDD only when AS3955 is not in the RF
field (rectified supply voltage is below HF_PON threshold) and
the SPI / I²C interface is activated by pulling /SS signal low. The
switch to VP_IO is controlled by /SS signal. The deactivation is
delayed by 0.7ms minimum, so that the switch shall stay closed
in case of shorter times between successive SPI / I²C activations.
The switch is also closed during EEPROM writes activated over
SPI / I²C.
At activation of the switch, the time between the falling edge
of the /SS signal and rising edge of SCLK shall be at least 300μs
to allow charging of internal VDD buffer capacitor, expiration
of POR signal and to perform a complete IC initialization. Please
note that the only SPI / I²C operations, which are allowed in this
mode, are read and write of EEPROM and registers.
If the RF filed is lost during operation and the external system
(MCU) is supplied over battery and /SS is low then power
manager will automatically connect the VDD to VP_IO.
To enable low power mode where tag consumes less than 1uA
at room temperature following conditions must be met:
• SPI interface configured
• All SPI interface input lines (including /SS) must be set to
high
• All SPI output lines must be open
Figure 14:
Power Manager Concept



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com