Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 38 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 38 Page - ams AG

Back Button AS3955 Datasheet HTML 34Page - ams AG AS3955 Datasheet HTML 35Page - ams AG AS3955 Datasheet HTML 36Page - ams AG AS3955 Datasheet HTML 37Page - ams AG AS3955 Datasheet HTML 38Page - ams AG AS3955 Datasheet HTML 39Page - ams AG AS3955 Datasheet HTML 40Page - ams AG AS3955 Datasheet HTML 41Page - ams AG AS3955 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 111 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Configuration Byte SENSR2
Figure 41:
Configuration Byte SENSR2
Note(s) and/or Footnote(s):
1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if rfcfg_en
is set to 1.
Configuration Byte SELR
Figure 42:
Configuration Byte SELR
Note(s) and/or Footnote(s):
1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if rfcfg_en
is set to 1.
Conf. Bit
Name
Default
Function
Note
b7
sens_res<7>
0
SENS_RES response byte 1 on SENS_REQ
b6
sens_res<6>
1
b5
sens_res<5>
0
b4
sens_res<4>
0
b3
sens_res<3>
0
b2
sens_res<2>
1
b1
sens_res<1>
0
b0
sens_res<0>
0
Conf. Bit
Name
Default
Function
Note
b7
sel_res<7>
0
SEL_RES response on
Cascade Level 1/2
b6
sel_res<6>
0
b5
sel_res<5>
0
b4
sel_res<4>
0
b3
sel_res<3>
0
b2
sel_res<2>
0
This bit is not used, as cascade bit 3 in
SEL_RES CL1 is fixed to 1, and to 0 in
SEL_RES CL2
b1
sel_res<1>
0
b0
sel_res<0>
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com