Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 60 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 60 Page - ams AG

Back Button AS3955 Datasheet HTML 56Page - ams AG AS3955 Datasheet HTML 57Page - ams AG AS3955 Datasheet HTML 58Page - ams AG AS3955 Datasheet HTML 59Page - ams AG AS3955 Datasheet HTML 60Page - ams AG AS3955 Datasheet HTML 61Page - ams AG AS3955 Datasheet HTML 62Page - ams AG AS3955 Datasheet HTML 63Page - ams AG AS3955 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 111 page
background image
Page 60
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Word Address Byte
Both EEPROM modes (Read and Write) use Word Address byte
to define the address of the EEPROM word which is accessed.
Seven MSB bits of the Address Byte are used to define the
address; while the last bit is don’t care (it is used to synchronize
EEPROM access).
Figure 62:
EEPROM Block Address Byte
EEPROM Write
In order to program an EEPROM block, six bytes shall be sent
(mode byte, block address byte and 4 bytes of data, all of them
MSB first). Actual EEPROM programming is started with rising
/SS edge signal which terminates the EEPROM Write command.
EEPROM Read
In order to read data from EEPROM, first a mode byte is sent,
followed by the block address byte (MSB first). Then one or more
blocks of data with address auto-incrementing (packets of 4
bytes) are transferred to MISO output, also MSB first. MOSI is
sampled at the SCLK falling edge; data to be read from AS3955
EEPROM is driven to MISO pin on SCLK rising edge and is
sampled by the master at the SCLK falling edge. In case the
block on the defined address does not exist, all 0 data is sent to
MISO.
Please note that SCLK frequency should not exceed 1MHz
during EEPROM Read (limited by EEPROM read access time).
Figure 63:
Reading an EEPROM Block over SPI
B7
B6
B5
B4
B3
B2
B1
B0
EEPROM Block Address
WA6
WA5
WA4
WA3
WA2
WA1
WA0
x
01 1 1 1 1 1 1
W
A
4
W
A
3
W
A
2
W
A
1
W
A
0
x
W
A
6
W
A
5
X
MSB Byte from Address
<WA6-WA0>
/SS
SCLK
MOSI
X
B
2
9
B
2
8
B
2
7
B
2
6
B
2
5
B
2
4
B
3
1
B
3
0
B
2
3
B
2
2
B
5
B
4
B
3
B
2
B
1
B
0
B
7
B
6
B
9
B
8
XX
LSB Byte from Address
<WA6-WA0>
X
MISO
1µs min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com