Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 86 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 86 Page - ams AG

Back Button AS3955 Datasheet HTML 82Page - ams AG AS3955 Datasheet HTML 83Page - ams AG AS3955 Datasheet HTML 84Page - ams AG AS3955 Datasheet HTML 85Page - ams AG AS3955 Datasheet HTML 86Page - ams AG AS3955 Datasheet HTML 87Page - ams AG AS3955 Datasheet HTML 88Page - ams AG AS3955 Datasheet HTML 89Page - ams AG AS3955 Datasheet HTML 90Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
Page 86
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Application Information
Reading/Writing Through SPI / I²C
An MCU can write the NDEF Message TLV bytes [03 0C D1 01 08
55 01 61 6D 73 2E 63 6F 6D]hex into blocks 04h-07h by sending
the following 4 bytes sequences through SPI or I²C (as described
in the Wired Interfaces section of this datasheet):
Writing:
1.
[40 08 03 0C D1 01]hex
2.
[40 0A 08 55 01 61]hex
3.
[40 0C 6D 73 2E 63]hex
4.
[40 0E 6F 6D 00 00]hex
To read the same data bytes written in blocks 04h – 07h, the
MCU should send the bytes sequences below (2 clock cycles for
MODE and address and 4 additional clock cycles to read the
data sent from AS3955, refer to the Wired Interfaces section of
this datasheet):
1.
[7F 08 00 00 00 00]hex
2.
[7F 0A 00 00 00 00]hex
3.
[7F 0C 00 00 00 00]hex
4.
[7F 0E 00 00 00 00]hex
Using Extended Mode to Switch AS3955 into
Tunneling Mode
An NFC device can force the AS3955 in Tunneling mode by
sending a command via Extended to the MCU to switch the
AS3955 operating mode from Extended to Tunneling (refer to
Extended mode section of this datasheet for implementation
details). If the MCU should emulate a T4T after the switch,
AS3955 should be sent to SENSE state by the MCU with the
direct command “Go To Sense” (command code D1h) and the
NFC device should do a new anti-collision round for proper T4T
activation.
Using Tunneling Mode to Emulate a NFC Type 4
Tag
For T4T emulation the Tunneling mode has to be enabled by
setting the tun_mod bit of IC_CFG2 to 1 and the SELR to 0x20.
With this configuration, once AS3955 has passed anti-collision
and entered SELCTED state, all frames coming from the NFC
interface will be pushed to the BUFFER. That means also the
SENS_REQ, ALL_REQ, SSD_REQ, SEL_REQ and SLP_REQ will not
be executed by the AS3955, so MCU must send the tag to SLEEP
state on SLP_REQ (with direct command “Go To Sleep”) and to
SENSE state (with direct command “Go To Sense”) on any of the
other commands listed above. The ISO14443A-4 command
RATS should also be handled by the MCU. RATS is sent by an
NFC device to activate ISO14443A-4, on top of which is T4T
platform is implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com