Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 85 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 85 Page - ams AG

Back Button AS3955 Datasheet HTML 81Page - ams AG AS3955 Datasheet HTML 82Page - ams AG AS3955 Datasheet HTML 83Page - ams AG AS3955 Datasheet HTML 84Page - ams AG AS3955 Datasheet HTML 85Page - ams AG AS3955 Datasheet HTML 86Page - ams AG AS3955 Datasheet HTML 87Page - ams AG AS3955 Datasheet HTML 88Page - ams AG AS3955 Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 111 page
background image
ams Datasheet
Page 85
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Application Information
Following is an example of an NDEF message with one Well
Known URL record, which carries the http://www.ams.com URL:
• In the NDEF message format, the URL above will be
represented by the bytes:
[D1 01 08 55 01 61 6D 73 2E 63 6F 6D]h
• The NDEF Message TLV will have the content: [03 0C D1 01
08 55 01 61 6D 73 2E 63 6F 6D]h; first byte is 03h – T field
value, indicating this is an NDEF Message TLV, second byte
is 0Ch saying the V field is 12 bytes long, the following 12
bytes are the V field holding the NDEF message.
The NDEF message TLV given above will fully occupy the first 3
blocks of the data area and the first two bytes of the 4th block
of the data area (each memory block is 4 bytes long).
Reading/Writing Through NFC Device
NFC devices use the T2T WRITE command to write data into a
T2T platform. The T2T WRITE command consists of 6 bytes, 1st
byte is the command code – A2h, 2nd byte is the block number
where data is to be written and the remaining 4 bytes are the
data content. When the execution of the command is
successful, the tag will return an ACK response – A0h. In case of
failure, a NACK code will be returned (see Error Handling section
of this datasheet for NACK codes).
The T2T READ command consists of 2 bytes, first byte is the
command code and is equal to 30h, second byte is the first block
number from which data will be returned. The response, when
successful, will return 4 blocks of data, each block is 4 bytes
long, so 16 bytes of data. In case of error, one byte NACK
response will be returned (see error handling section of AS3955
datasheet for NACK codes).
AS3955 has to be configured in Extended or Normal mode in
order for an NFC device to write/read NDEF data from the
EEPROM of the tag.
An NFC device has to send 4 write commands to the tag to write
the NDEF Message TLV bytes [03 0C D1 01 08 55 01 61 6D 73 2E
63 6F 6D]hex defined in the section above into blocks 04h-07h:
1.
[A2 04 03 0C D1 01]hex
2.
[A2 05 08 55 01 61]hex
3.
[A2 06 6D 73 2E 63]hex
4.
[A2 07 6F 6D 00 00]hex
The same NDEF Message TLV bytes can be obtained with a
single READ command, as the TLV occupies only 4 blocks and
the READ command returns 16 bytes. In case of longer NDEF
messages of course several READs are necessary until the
complete message has been read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com