Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 32 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 32 Page - ams AG

Back Button AS3955 Datasheet HTML 28Page - ams AG AS3955 Datasheet HTML 29Page - ams AG AS3955 Datasheet HTML 30Page - ams AG AS3955 Datasheet HTML 31Page - ams AG AS3955 Datasheet HTML 32Page - ams AG AS3955 Datasheet HTML 33Page - ams AG AS3955 Datasheet HTML 34Page - ams AG AS3955 Datasheet HTML 35Page - ams AG AS3955 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Lock bits apply only to RF interface, as SPI / I²C interface has
unlimited access to user data area.
• Lock 0 byte locks 8 blocks starting from address 00h where
lock bit 0 locks block on address 00h
• Lock 1 byte locks 8 blocks starting from address 08h where
lock bit 0 locks block on address 08h
• Lock 2 byte locks 16 blocks starting from address 10h
where lock bit 0 locks block on address 10h and 11h
• Lock 3 byte locks 16 blocks starting from address 20h
where lock bit 0 locks block on address 20h and 21h
• Lock 4 byte locks 16 blocks starting from address 30h
where lock bit 0 locks block on address 30h and 31h
• Lock 5 byte locks 16 blocks starting from address 40h
where lock bit 0 locks block on address 40h and 41h
• Lock 6 byte locks 16 blocks starting from address 50h
where lock bit 0 locks block on address 50h and 51h
• Lock 7 byte locks 16 blocks starting from address 60h
where lock bit 0 locks block on address 60h and 61h
• Lock 8 byte locks 16 blocks starting from address 70h
where lock bit 0 locks block on address 70h and 71h
Figure 33:
Example of Lock Bits
Capability Container
Block 03h in AS3955 EEPROM contains the Capability Container
(CC), pre-programmed during IC production according to NFC
Forum Type 2 Tag specifications [T2T ]. CC bits are OTP, i.e.
setting bits to 1b is an irreversible operation. Bits at 0b can be
set to 1b through a WRITE operation, the result being a bit-wise
OR with the current value.
Figure 34 and Figure 35 show the Capability Container content
at delivery.
Figure 34:
CC Content at Delivery (4kbit Option)
Lock 0 byte
Lock 1 byte
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
locks block
locks block
07h
06h
05h
04h
03h
02h
01h
00h
0Fh
0Eh
0Dh
0Ch
0Bh
0Ah
09h
08h
Byte number in block
Block address
0
1
2
3
03h
E1h
10h
3Bh
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com