Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 17 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 17 Page - ams AG

Back Button AS3955 Datasheet HTML 13Page - ams AG AS3955 Datasheet HTML 14Page - ams AG AS3955 Datasheet HTML 15Page - ams AG AS3955 Datasheet HTML 16Page - ams AG AS3955 Datasheet HTML 17Page - ams AG AS3955 Datasheet HTML 18Page - ams AG AS3955 Datasheet HTML 19Page - ams AG AS3955 Datasheet HTML 20Page - ams AG AS3955 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
ams Datasheet
Page 17
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Figure 16:
Regulated Voltage Output Settings
Silent Mode
The Silent mode enables detection of the power status of a
circuit whose supply (Vdd) is connected to VP_IO pin. If this
mode is enabled and the voltage measured on pin VP_IO is
below the configured threshold value, the RF part of AS3955
will be disabled, and the IC will not be responsive to incoming
commands. Silent mode settings can be performed by using
Configuration Byte IC_CFG0.
This feature overcomes a potentially inconsistent behavior in a
battery powered system, where a passive NFC tag can always
communicate with a NFC device, also in case the battery is not
sufficiently charged to supply the rest of the system. A typical
example is when the NFC tag is used for Bluetooth pairing:
AS3955 would trigger a pairing procedure only in case the
system is fully operational by monitoring the supply voltage.
Memory Protection
AS3955 internal memory can be protected from unauthorized
access by enabling password authentication. A 32-bit password
can be set to protect the full user memory, or part of it, to allow
the creation of a public data and a private data area. Password
protection can be applied for read and write accesses.
Password authentication is performed through a standard
WRITE command to the Authentication Password block. A
maximum of 7 negative attempts are permitted before the chip
is locked. Once authenticated, the user can modify the
password.
Password protection applies to RF communication only.
Further information on how to handle password authentication
can be found in Authentication Password, Configuration Byte
AUTH_CFG, Configuration Byte AUTH_CNT and Configuration
Byte AUTH_LIM.
vreg<4:0>
Output Voltage
Abs. Accuracy
00000b
1.8V
±115mV
00001b
:
:
Step 100mV
±20mV
Linearly increasing
over range
11011b
4.5V
±225mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com