Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 11 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 7Page - STMicroelectronics VL53L0X Datasheet HTML 8Page - STMicroelectronics VL53L0X Datasheet HTML 9Page - STMicroelectronics VL53L0X Datasheet HTML 10Page - STMicroelectronics VL53L0X Datasheet HTML 11Page - STMicroelectronics VL53L0X Datasheet HTML 12Page - STMicroelectronics VL53L0X Datasheet HTML 13Page - STMicroelectronics VL53L0X Datasheet HTML 14Page - STMicroelectronics VL53L0X Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
DocID029104 Rev 1
11/40
VL53L0X
Functional description
37
2.3
Customer manufacturing calibration flow
Figure 6 shows the recommended calibration flow that should be applied at customer level,
at factory, once only. This flow takes into account all parameters (cover glass, temperature &
voltage) from the application.
Figure 6. Customer manufacturing calibration flow
2.3.1
SPAD and temperature calibration
In order to optimize the dynamic of the system, the reference SPADs have to be calibrated.
Reference SPAD calibration needs to be done only once during the initial manufacturing
calibration, the calibration data should then be stored on the Host.
Temperature calibration is the calibration of two parameters (VHV and phase cal) which are
temperature dependent. These two parameters are used to set the device sensitivity.
Calibration should be performed during initial manufacturing calibration, it must be
performed again when temperature varies more than 8degC compared to the initial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com