Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 28 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 24Page - STMicroelectronics VL53L0X Datasheet HTML 25Page - STMicroelectronics VL53L0X Datasheet HTML 26Page - STMicroelectronics VL53L0X Datasheet HTML 27Page - STMicroelectronics VL53L0X Datasheet HTML 28Page - STMicroelectronics VL53L0X Datasheet HTML 29Page - STMicroelectronics VL53L0X Datasheet HTML 30Page - STMicroelectronics VL53L0X Datasheet HTML 31Page - STMicroelectronics VL53L0X Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Performance
VL53L0X
28/40
DocID029104 Rev 1
5.3.2
Range profile examples
Table 13 details typical performance for the four example ranging profiles, as per
measurement conditions in Section 5.3: Ranging accuracy.
5.3.3
Ranging offset error
The table below shows how range offset may drift over distance, voltage and temperature.
Assumes offset calibrated at 10cm. See VL53L0X API User Manual for details on offset
calibration.
Table 13. Range profiles
Range Profile
Range timing budget
Typical performance
Typical application
Default mode
30ms
1.2m, accuracy as per
Table 12
standard
High accuracy
200ms
1.2m, accuracy < +/- 3%
precise measurement
Long range
33ms
2m, accuracy as per
Table 12
long ranging, only for
dark conditions (no IR)
High speed
20ms
1.2m, accuracy +/- 5%
high speed where
accuracy is not priority
Table 14. Ranging offset
Nominal
Conditions
Measure point
Typical offset
from nominal
Maximum offset
from nominal
Ranging
distance
Offset calibration
at 10cm (“zero”)
White 120cm (indoor)
Grey 70cm (indoor)
White 60cm (outdoor)
Grey 40cm (outdoor)
< 3%
Voltage drift
2.8V
2.6V to 3.5V
+/- 10mm
+/- 15mm
Temperature
drift
23°C
-20°C to +70°C
+/- 10mm
+/- 30mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com