Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 22 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 18Page - STMicroelectronics VL53L0X Datasheet HTML 19Page - STMicroelectronics VL53L0X Datasheet HTML 20Page - STMicroelectronics VL53L0X Datasheet HTML 21Page - STMicroelectronics VL53L0X Datasheet HTML 22Page - STMicroelectronics VL53L0X Datasheet HTML 23Page - STMicroelectronics VL53L0X Datasheet HTML 24Page - STMicroelectronics VL53L0X Datasheet HTML 25Page - STMicroelectronics VL53L0X Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Electrical characteristics
VL53L0X
22/40
DocID029104 Rev 1
4
Electrical characteristics
4.1
Absolute maximum ratings
Note:
Stresses above those listed in Table 6. may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
4.2
Recommended operating conditions
4.3
ESD
VL53L0X is compliant with ESD values presented inTable 8
Table 6. Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
AVDD
-0.5
-
3.6
V
SCL, SDA, XSHUT and GPIO1
-0.5
-
3.6
V
Table 7. Recommended operating conditions(1)
1. There are no power supply sequencing requirements. The I/Os may be high, low or floating when AVDD is
applied. The I/Os are internally failsafe with no diode connecting them to AVDD
Parameter
Min.
Typ.
Max.
Unit
Voltage (AVDD)
2.6
2.8
3.5
V
IO (IOVDD)(2)
2. XSHUT should be high level only when AVDD is on.
Standard mode
1.6
1.8
1.9
V
2V8 mode(3)(4)
3. SDA, SCL, XSHUT and GPIO1 high levels have to be equal to AVDD in 2V8 mode.
4. The default API mode is 1V8.
2V8 mode is programmable using device settings loaded by the API. For more details please refer to the
VL53L0X API User Manual.
2.6
2.8
3.5
V
Temperature (normal operating)
-20
+70
°C
Table 8. ESD performances
Parameter
Specification
Conditions
Human Body Model
JS-001-2012
+/- 2kV, 1500 Ohms, 100pF
Charged Device Model
JZSD22-C101
+/- 500V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com