Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 20 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 16Page - STMicroelectronics VL53L0X Datasheet HTML 17Page - STMicroelectronics VL53L0X Datasheet HTML 18Page - STMicroelectronics VL53L0X Datasheet HTML 19Page - STMicroelectronics VL53L0X Datasheet HTML 20Page - STMicroelectronics VL53L0X Datasheet HTML 21Page - STMicroelectronics VL53L0X Datasheet HTML 22Page - STMicroelectronics VL53L0X Datasheet HTML 23Page - STMicroelectronics VL53L0X Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Control interface
VL53L0X
20/40
DocID029104 Rev 1
Figure 18. VL53L0X data format (sequential read)
3.1
I2C interface - timing characteristics
Timing characteristics are shown in Table 3. Please refer to Figure 19 for an explanation of
the parameters used.
Timings are given for all PVT conditions.
S
Ac
ADDRESS[7:0]
INDEX[7:0]
Ac P
0x52 (write)
S
Ac
ADDRESS[7:0]
Am
DATA[7:0]
P
0x53 (read)
Am
DATA[7:0]
Am
DATA[7:0]
Am
DATA[7:0]
Am
DATA[7:0]
Table 3. I2C interface - timing characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
FI2C
Operating frequency (Standard and
Fast mode)
0-
400(1)
1. The maximum bus speed is also limited by the combination of 400pF load capacitance and pull-up resistor.
Please refer to the I2C specification for further information.
kHz
tLOW
Clock pulse width low
1.3
-
-
μs
tHIGH
Clock pulse width high
0.6
-
-
μs
tSP
Pulse width of spikes which are
suppressed by the input filter
-
-
50
ns
tBUF
Bus free time between transmissions
1.3
-
-
ms
tHD.STA
Start hold time
0.26
-
-
μs
tSU.STA
Start set-up time
0.26
-
-
μs
tHD.DAT
Data in hold time
0
-
0.9
μs
tSU.DAT
Data in set-up time
50
-
-
ns
tR
SCL/SDA rise time
-
-
120
ns
tF
SCL/SDA fall time
-
-
120
ns
tSU.STO
Stop set-up time
0.6
-
-
μs
Ci/o
Input/output capacitance (SDA)
-
-
10
pF
Cin
Input capacitance (SCL)
-
-
4
pF
CL
Load capacitance
-
125
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com