Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 16 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 12Page - STMicroelectronics VL53L0X Datasheet HTML 13Page - STMicroelectronics VL53L0X Datasheet HTML 14Page - STMicroelectronics VL53L0X Datasheet HTML 15Page - STMicroelectronics VL53L0X Datasheet HTML 16Page - STMicroelectronics VL53L0X Datasheet HTML 17Page - STMicroelectronics VL53L0X Datasheet HTML 18Page - STMicroelectronics VL53L0X Datasheet HTML 19Page - STMicroelectronics VL53L0X Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Functional description
VL53L0X
16/40
DocID029104 Rev 1
2.9
Power sequence
2.9.1
Power up and boot sequence
There are two options available for device power up/boot.
Option 1: XSHUT pin connected and controlled from host.
This option helps to optimize power consumption as the VL53L0X can be completely
powered off when not used, and then woken up through host GPIO (using XSHUT pin).
HW Standby mode is defined as the period when AVDD is present and XSHUT is low.
Figure 10. Power up and boot sequence
tBOOT is 1.2ms max.
Option 2: XSHUT pin not controlled by host, and tied to AVDD through pull-up resistor.
In case XSHUT pin is not controlled, the power up sequence is presented in Figure 11. In
this case, the device is going automatically in SW STANDBY after FW BOOT, without
entering HW STANDBY.
Figure 11. Power up and boot sequence with XSHUT not controlled
tBOOT is 1.2ms max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com