Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 15 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 11Page - STMicroelectronics VL53L0X Datasheet HTML 12Page - STMicroelectronics VL53L0X Datasheet HTML 13Page - STMicroelectronics VL53L0X Datasheet HTML 14Page - STMicroelectronics VL53L0X Datasheet HTML 15Page - STMicroelectronics VL53L0X Datasheet HTML 16Page - STMicroelectronics VL53L0X Datasheet HTML 17Page - STMicroelectronics VL53L0X Datasheet HTML 18Page - STMicroelectronics VL53L0X Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
DocID029104 Rev 1
15/40
VL53L0X
Functional description
37
Note:
The minimum range timing budget is 20ms. Maximum is 5 seconds. The longer the timing
budget, the higher the accuracy and the ranging distance capability.
2.6.3
Digital housekeeping
Digital processing (housekeeping) is the last operation inside the ranging sequence that
computes, validates or rejects a ranging measurement. Part of this processing is performed
internally while the other part is executed on the Host by the API.
At the end of the digital processing, the ranging distance is computed by VL53L0X itself. If
the distance could not be measured (weak signal, no target…), a corresponding error code
is provided.
The following functions are performed on the device itself:
• Signal value check (weak signal)
• Offset correction
• Cross-talk correction (in case of cover glass)
• Final ranging value computation
While the API performs the following:
• Return Ignore Threshold RIT check (Signal check versus cross talk)
• Sigma check (accuracy condition)
• Final ranging state computation
If the user wants to enhance the ranging accuracy, some extra processing (not part of the
API) can be carried out by the host, for example, rolling average, hysteresis or any kind of
filtering.
2.7
Getting the data: interrupt or polling
User can get the final data using a polling or an interrupt mechanism.
Polling mode: user has to check the status of the ongoing measurement by polling an API
function.
Interrupt mode: An interrupt pin (GPIO1) sends an interrupt to the host when a new
measurement is available.
The description of these 2 modes is available in the VL53L0X API User Manual.
2.8
Device programming and control
Device physical control interface is I2C, described in Section 3: Control interface.
A software layer (API) is provided to control the device. The API is described in the
VL53L0X API User Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com