Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 23 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 19Page - STMicroelectronics VL53L0X Datasheet HTML 20Page - STMicroelectronics VL53L0X Datasheet HTML 21Page - STMicroelectronics VL53L0X Datasheet HTML 22Page - STMicroelectronics VL53L0X Datasheet HTML 23Page - STMicroelectronics VL53L0X Datasheet HTML 24Page - STMicroelectronics VL53L0X Datasheet HTML 25Page - STMicroelectronics VL53L0X Datasheet HTML 26Page - STMicroelectronics VL53L0X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
DocID029104 Rev 1
23/40
VL53L0X
Electrical characteristics
37
4.4
Current consumption
Table 9. Consumption at ambient temperature(1)
1. All current consumption values include silicon process variations. Temperature and Voltage are at nominal
conditions (23degC and 2.8V).
All values include AVDD and AVDDVCSEL.
Parameter
Min.
Typ.
Max.
Unit
HW STANDBY
3
5
7
uA
SW STANDBY (2V8 mode)(2)
2. In standard mode (1V8), pull-ups have to be modified, then SW STANDBY consumption is increased by
+0.6uA.
46
9uA
Timed ranging Inter measurement
16
uA
Active Ranging average consumption
(including VCSEL) (3)(4)
3. Active ranging is an average value, measured using default API settings (33ms timing budget).
4. Peak current (including VCSEL) can reach 40mA.
19
mA
Average power consumption at 10Hz
with 33ms ranging sequence
20
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com