Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 24 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 20Page - STMicroelectronics VL53L0X Datasheet HTML 21Page - STMicroelectronics VL53L0X Datasheet HTML 22Page - STMicroelectronics VL53L0X Datasheet HTML 23Page - STMicroelectronics VL53L0X Datasheet HTML 24Page - STMicroelectronics VL53L0X Datasheet HTML 25Page - STMicroelectronics VL53L0X Datasheet HTML 26Page - STMicroelectronics VL53L0X Datasheet HTML 27Page - STMicroelectronics VL53L0X Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Electrical characteristics
VL53L0X
24/40
DocID029104 Rev 1
4.5
Electrical characteristics
Table 10. Digital I/O electrical characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Interrupt pin (GPIO1)
VIL
Low level input voltage
-
-
0.3 IOVDD
V
VIH
High level input voltage
0.7 IOVDD
-
-
V
VOL
Low level output voltage
(IOUT = 4 mA)
--
0.4
V
VOH
High level output voltage at
(IOUT = 4 mA)
IOVDD-
0.4
--
V
FGPIO
Operating frequency
(CLOAD = 20 pF)
0
-
108
MHz
I2C interface (SDA/SCL)
VIL
Low level input voltage
-0.5
-
0.6
V
VIH
High level input voltage
1.12
-
IOVDD+0.5
V
VOL
Low level output voltage (IOUT = 4 mA
in Standard and Fast modes)
--
0.4
V
IIL/IH
Leakage current(1)
1. AVDD = 0 V
--
10
µA
Leakage current(2)
2. AVDD = 2.85 V; I/O voltage = 1.8 V
-
-
0.15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com