Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 14 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 10Page - STMicroelectronics VL53L0X Datasheet HTML 11Page - STMicroelectronics VL53L0X Datasheet HTML 12Page - STMicroelectronics VL53L0X Datasheet HTML 13Page - STMicroelectronics VL53L0X Datasheet HTML 14Page - STMicroelectronics VL53L0X Datasheet HTML 15Page - STMicroelectronics VL53L0X Datasheet HTML 16Page - STMicroelectronics VL53L0X Datasheet HTML 17Page - STMicroelectronics VL53L0X Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Functional description
VL53L0X
14/40
DocID029104 Rev 1
Figure 9. Typical initialization / ranging / housekeeping phases
2.6.1
Initialization and load calibration data phase
Initialization and calibration phase is performed before the first ranging or after a device
reset, see Figure 9.
The user may then have to repeat the temperature calibration phase in a periodic way,
depending on the use case.
For more details on the calibration functions please refer to the VL53L0X API User Manual.
2.6.2
Ranging phase
The ranging phase consists of a range setup then range measurement.
During the ranging operation, several VCSEL infrared pulses are emitted, then reflected
back by the target object, and detected by the receiving array. The photo detector used
inside VL53L0X is using advanced ultra-fast SPAD technology (Single Photon Avalanche
Diodes), protected by several patents.
The typical timing budget for a range is 33ms (init/ranging/housekeeping), see Figure 12,
with the actual range measurement taking 23ms, see Figure 9. The minimum range
measurement period is 8ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com