Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 27 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 23Page - STMicroelectronics VL53L0X Datasheet HTML 24Page - STMicroelectronics VL53L0X Datasheet HTML 25Page - STMicroelectronics VL53L0X Datasheet HTML 26Page - STMicroelectronics VL53L0X Datasheet HTML 27Page - STMicroelectronics VL53L0X Datasheet HTML 28Page - STMicroelectronics VL53L0X Datasheet HTML 29Page - STMicroelectronics VL53L0X Datasheet HTML 30Page - STMicroelectronics VL53L0X Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
DocID029104 Rev 1
27/40
VL53L0X
Performance
37
Note (2):
–
Indoor: no infrared
–
Outdoor overcast corresponds to a parasitic noise of 10kcps/SPAD for VL53L0X
module. For reference, this corresponds to a 1.2W/m² at 940nm, and is equivalent
to 5kLux daylight, while ranging on a grey 17% chart at 40cm
Measurement conditions:
–
Targets reflectance used : Grey (17%), White (88%)
–
Nominal Voltage (2.8V) and Temperature (23degreesC)
–
All distances are for a complete Field of View covered (FOV = 25degrees)
–
33ms timing budget
All distances mentioned in this table are guaranteed for a minimum detection rate of 94%
(up to 100%). Detection rate is the worst case percentage of measurements that will return a
valid measurement when target is detected.
5.3
Ranging accuracy
5.3.1
Standard deviation
Ranging accuracy can be characterized by standard deviation. It includes Measure-to-
Measure and Part-to-Part (silicon) dispersion.
Measurement conditions:
–
Targets reflectance used: Grey (17%), White (88%)
–
Offset correction done at 10cm from sensor.
–
Indoor: no Infrared
/
Outdoor: eq. 5kLux equivalent sunlight (10kcps/SPAD)
–
Nominal Voltage (2v8) and Temperature (23degreesC)
–
All distances are for a complete Field of View covered (FOV = 25degrees)
–
Detection rate is considered at 94% minimum
Table 12. Ranging accuracy
Indoor (no
infrared)
Outdoor
Target reflectance
level (Full FOV)
Distance
33ms
66ms
Distance
33ms
66ms
White Target (88%)
at 120cm
4%
3%
at 60cm
7%
6%
Grey Target (17%)
at 70cm
7%
6%
at 40cm
12%
9%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com