Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 25 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 21Page - STMicroelectronics VL53L0X Datasheet HTML 22Page - STMicroelectronics VL53L0X Datasheet HTML 23Page - STMicroelectronics VL53L0X Datasheet HTML 24Page - STMicroelectronics VL53L0X Datasheet HTML 25Page - STMicroelectronics VL53L0X Datasheet HTML 26Page - STMicroelectronics VL53L0X Datasheet HTML 27Page - STMicroelectronics VL53L0X Datasheet HTML 28Page - STMicroelectronics VL53L0X Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
DocID029104 Rev 1
25/40
VL53L0X
Performance
37
5
Performance
5.1
Measurement conditions
In all measurement tables in the document, it is considered that the full Field Of View (FOV)
is covered.
VL53L0X system FOV is 25degrees.
Reflectance targets are standard ones (Grey 17% N4.74 and White 88% N9.5 Munsell
charts).
Unless mentioned, device is controlled through the API using the default settings (refer to
VL53L0X API User Manual for API settings description).
Figure 20. Typical ranging (default mode)
API_RangeValue (mm) vs. Actual Target Distance (mm)
Reflectance
grey17
white88
Actual Target Distance (mm)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
100
200
300
400
500
600
700
800
900
1000
1100
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com