Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L0X Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 15Page - STMicroelectronics VL53L0X Datasheet HTML 16Page - STMicroelectronics VL53L0X Datasheet HTML 17Page - STMicroelectronics VL53L0X Datasheet HTML 18Page - STMicroelectronics VL53L0X Datasheet HTML 19Page - STMicroelectronics VL53L0X Datasheet HTML 20Page - STMicroelectronics VL53L0X Datasheet HTML 21Page - STMicroelectronics VL53L0X Datasheet HTML 22Page - STMicroelectronics VL53L0X Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
DocID029104 Rev 1
19/40
VL53L0X
Control interface
37
Figure 15. VL53L0X data format (write)
As data is received by the slave it is written bit by bit to a serial/parallel register. After each
data byte has been received by the slave, an acknowledge is generated, the data is then
stored in the internal register addressed by the current index.
During a read message, the contents of the register addressed by the current index is read
out in the byte following the device address byte. The contents of this register are parallel
loaded into the serial/parallel register and clocked out of the device by the falling edge of
SCL.
Figure 16. VL53L0X data format (read)
At the end of each byte, in both read and write message sequences, an acknowledge is
issued by the receiving device (that is, the VL53L0X for a write and the host for a read).
A message can only be terminated by the bus master, either by issuing a stop condition or
by a negative acknowledge (that is, not pulling the SDA line low) after reading a complete
byte during a read operation.
The interface also supports auto-increment indexing. After the first data byte has been
transferred, the index is automatically incremented by 1. The master can therefore send
data bytes continuously to the slave until the slave fails to provide an acknowledge or the
master terminates the write communication with a stop condition. If the auto-increment
feature is used the master does not have to send address indexes to accompany the data
bytes.
Figure 17. VL53L0X data format (sequential write)
VL53L0X acknowledges
Acknowledge from
VL53L0X
S
Ac
ADDRESS[7:0]
INDEX[7:0]
Ac
DATA[7:0]
Ac P
0x52 (write)
Start
Stop
valid address
S
Ac
ADDRESS[7:0]
INDEX[7:0]
Ac P
0x52 (write)
S
Ac
ADDRESS[7:0]
Am
DATA[7:0]
P
0x53 (read)
S
Ac
ADDRESS[7:0]
INDEX[7:0]
Ac
0x52 (write)
P
Ac
DATA[7:0]
Ac
DATA[7:0]
Ac
DATA[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com