Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TJF1052IT/2 Datasheet HTML 10Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 11Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 12Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 13Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 14Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 15Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 16Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 17Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
14 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
13. Test information
Fig 6.
CMTI test setup
Fig 7.
Timing test circuit for CAN transceiver
015aaa389
TJF1052I
GND1
VDD1
100 nF
47 µF
+5 V
TXD
RXD
15 pF
CANL
CANH
RL
100 pF
VDD2
STB
GND2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com