Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 3 Page - NXP Semiconductors

  TJF1052IT/2 Datasheet HTML 1Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 2Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 3Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 4Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 5Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 6Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 7Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 8Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
3 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
4.
Ordering information
5.
Block diagram
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TJF1052IT/5
TJF1052IT/2
TJF1052IT/1
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
Table 3.
Voltage ratings
Type number
Rated insulation voltage according to
UL 1577, IEC 61010 and IEC 60950
TJF1052iT/5
5 kV (RMS)
TJF1052iT/2
2.5 kV (RMS)
TJF1052iT/1
1 kV (RMS)
Fig 1.
Block diagram
MUX
AND
DRIVER
TEMPERATURE
PROTECTION
TIME-OUT
SLOPE
CONTROL
AND
DRIVER
VDD2
CANH
CANL
13
12
VDD1
1
2, 7, 8
GND1
TJF1052I
WAKE-UP
FILTER
015aaa386
VDD2
11, 16
9, 10, 15
GND2
TXD
3
RXD
5
MODE
CONTROL
14
STB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com