Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 2 Page - NXP Semiconductors

  TJF1052IT/2 Datasheet HTML 1Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 2Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 3Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 4Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 5Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 6Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 7Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 8Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
2 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
 Flawless cooperation between the Isolator and the Transceiver
 Fewer components improves reliability in applications
 Guaranteed performance (eg. max loop delay <220 ns)
 Electrical transient immunity of 45 kV/
s (typ)
 Suitable for use in 12 V and 24 V systems; compatible with 3 V to 5 V microcontrollers
 Bus common mode voltage (Vcm) = 25 V
 Low ElectroMagnetic Emission (EME) and high ElectroMagnetic Immunity (EMI)
 Dark green product (halogen free and Restriction of Hazardous Substances (RoHS)
compliant)
2.2 Power management
 Functional behavior predictable under all supply conditions
 Transceiver disengages from the bus when not powered up (zero load)
2.3 Protection
 Up to 5 kV (RMS) rated isolation
 Three versions available (1 kV, 2.5 kV and 5 kV)
 Voltage compliant with UL 1577, IEC 61010 and IEC 60950
 5 kV (RMS) rated isolation voltage compliant with UL 1577, IEC 61010 and IEC 60950
 High ESD handling capability on the bus pins
 Transmit Data (TXD) dominant time-out function
 Undervoltage detection on supply pins
3.
Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD1
supply current 1
VTXD = 0 V; bus dominant
-
-
2.6
mA
VTXD =VDD1; bus recessive
-
-
5.6
mA
IDD2
supply current 2
VTXD = 0 V; bus dominant; 60  load
-
-
70
mA
VTXD =VDD1; bus recessive
-
-
10
mA
Vuvd(swoff)(VDD2)
switch-off undervoltage
detection voltage on pin VDD2
1.3
-
2.7
V
VESD
electrostatic discharge voltage
IEC 61000-4-2 at pins CANH and CANL
8-
+8
kV
VCANH
voltage on pin CANH
58
-
+58
V
VCANL
voltage on pin CANL
58
-
+58
V
Tvj
virtual junction temperature
40
-
+125
C
Tamb
ambient temperature
40
-
+105
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com