Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TJF1052IT/2 Datasheet HTML 3Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 4Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 5Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 6Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 7Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 8Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 10Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
7 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
[1]
The working voltage is the input-to-output voltage that can be applied without time limit. Which TJF1052i variant should be selected
depends on the overvoltage category and the related insulation voltage.
[2]
UL stress test is performed at higher than IEC-specified levels.
[3]
Based on transient overvoltages as indicated in IEC60664; creepage and clearance distances not taken into account.
[4]
Reinforced insulation should have an impulse withstand voltage one step higher than that specified for basic insulation.
Table 7.
Working voltages and isolation
Insulation Characteristics
Parameter
Standard
TJF1052i/1
TJF1052i/2
TJF1052i/5
max. working insulation voltage
per IEC 60664 (VIORM)[1]
IEC 60664
300 VRMS
450 VRMS
800 VRMS
420 Vpeak
630 Vpeak
1125 Vpeak
max. transient overvoltage per
IEC 60664 (VIOTM)[2]
tTEST =1.2/50 s (certification)
IEC 60664
2500 Vpeak
4000 Vpeak
6000 Vpeak
rated insulation voltage per
UL 1577 (VISO)
UL 1577
tTEST = 60 s (qualification)
1000 VRMS
2500 VRMS
5000 VRMS
tTEST = 1 s (production)
1200 VRMS
3000 VRMS
6000 VRMS
Insulation classification in terms of Overvoltage Category[3]
Insulation type
Max. working voltage
TJF1052i/1
TJF1052i/2
TJF1052i/5
basic insulation[4]
150 V
RMS
I - III
I - IV
I - IV
300 V
RMS
I - II
I - III
I - IV
600 V
RMS
I
I - II
I - III
1000 V
RMS
--I - II
reinforced insulation[4]
150 V
RMS
I - II
I - III
I - IV
300 V
RMS
I
I - II
I - III
600 V
RMS
-
I
I - II
1000 V
RMS
--I
Table 8.
Safety approvals
Standard
File number
IEC 60950
CB NL-33788
IEC 61010-1 2nd Edition
CB NL-33789
UL1577
20131213-E361297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com