Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 4 Page - NXP Semiconductors

  TJF1052IT/2 Datasheet HTML 1Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 2Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 3Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 4Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 5Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 6Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 7Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 8Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
4 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
6.
Pinning information
6.1 Pinning
6.2 Pin description
[1]
All GND1 pins (pins 2, 7 and 8) should be connected together and to ground domain 1. All GND2 pins (pins
9, 10 and 15) should be connected together and to ground domain 2. Refer to the application notes for
further information.
[2]
Setting STB HIGH disables the CAN bus connection.
Fig 2.
Pin configuration diagram
TJF1052I
VDD1
VDD2
GND1
GND2
TXD
STB
n.c.
CANH
RXD
CANL
n.c.
VDD2
GND1
GND2
GND1
GND2
015aaa387
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 4.
Pin description
Symbol
Pin
Description
VDD1
1
supply voltage 1
GND1
2
ground supply 1[1]
TXD
3
transmit data input
n/c
4
not connected
RXD
5
receive data output; reads out data from the bus lines
n/c
6
not connected
GND1
7
ground supply 1[1]
GND1
8
ground supply 1[1]
GND2
9
ground supply 2[1]
GND2
10
ground supply 2[1]
VDD2
11
supply voltage 2
CANL
12
LOW-level CAN bus line
CANH
13
HIGH-level CAN bus line
STB
14
Standby mode control input[2]
GND2
15
ground supply 2[1]
VDD2
16
supply voltage 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com