Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TJF1052IT/2 Datasheet HTML 7Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 8Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 10Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 11Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 12Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 13Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 14Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
11 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
11. Dynamic characteristics
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Factory testing uses correlated test conditions to
cover the specified temperature and power supply voltage range.
[2]
See Figure 4.
[3]
See Figure 6.
[4]
The start-up time is the time from the application of power to valid data at the output. Guaranteed by design.
Table 12.
Dynamic characteristics
Tvj = 40 C to +125 C; VDD1 = 3.0 V to 5.25 V; VDD2 = 4.75 V to 5.25 V unless otherwise specified[1].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Transceiver timing; pins CANH, CANL, TXD and RXD; see Figure 3
td(TXD-busdom)
delay time from TXD to bus dominant
Normal mode
-
72
120
ns
td(TXD-busrec)
delay time from TXD to bus recessive
Normal mode
-
97
120
ns
td(busdom-RXD) delay time from bus dominant to RXD
Normal mode
-
67
130
ns
td(busrec-RXD)
delay time from bus recessive to RXD
Normal mode
-
72
130
ns
tPD(TXD-RXD)
propagation delay from TXD to RXD
Normal mode
72
-
220
ns
tbit(RXD)
bit time on pin RXD
tbit(TXD) = 500 ns
[2]
400
-
550
ns
tto(dom)TXD
TXD dominant time-out time
VTXD = 0 V; Normal mode
0.3
1.7
5
ms
CMTI
common-mode transient immunity
VI =VDD1 or VI =0 V
[3] 20
45
-
kV/
s
tstartup
start-up time
[4] --
500
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com